PART |
Description |
Maker |
3-455888-2 3-455888-7 |
Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
|
TE Connectivity Ltd
|
235-040-93 235-046-97 235-038-931307 235-038-93-13 |
filament replacement leds Direct replacement for T1 ? Midget Groove S5.7s Water clear lens Voltage ranges to suit both AC and DC operation
|
Marl International Limited Marl International Limi...
|
DC321A103KA5210 DC321A103JA5510 DC261E682ZA5106 DC |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 400 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 160 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
AVX CORP
|
235-044-93 235-044-98 235-038-93 235-038-98 235-04 |
T-1 3/4 SINGLE COLOR LED, RED, 5 mm FILAMENT REPLACEMENT LEDs - T1? MG S5.7s FILAMENT REPLACEMENT LEDs - T1篓煤 MG S5.7s
|
MARL INTERNATIONAL LTD Marl International Limited
|
AFCC100215LKW2S AFCC190218W6W9N AFCC160222VMW1N AF |
1 FUNCTIONS, 350 V, 15 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 63 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 250 V, 16 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 630 V, 15 A, FEED THROUGH CAPACITOR
|
|
2450-602-Z5U0-472M |
DISCOIDAL FEED-THRU CAPACITOR Solder Mount 1 FUNCTIONS, 250 V, 20 A, FEED THROUGH CAPACITOR
|
TUSONIX, Inc.
|
684210030 0684210030 68421-0030 |
Sleeve for Crimp Housing, Transparent
|
Molex Electronics Ltd.
|
7427113 |
Snap Ferrite Sleeve with plastic case
|
Wurth Elektronik GmbH &...
|
7427113S |
Snap Ferrite Sleeve with plastic case
|
Wurth Elektronik GmbH &...
|
7427122 |
Snap Ferrite Sleeve with plastic case
|
Wurth Elektronik GmbH &...
|